Part Number Hot Search : 
359008 2N2222A 2SC4082Q NCP7800 SK383 1N3088 AN4104 20T03
Product Description
Full Text Search
 

To Download VOL-6ASFL-L1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part of the 3m? volition network solutions these category 6a patch cables allow you to install a copper cabling system compliant to channel iso 11801 class ea and channel tia 568b.2-10 category 6a performances. the category 6a rj45 patch cables are available in s/ftp cable to ensure the appropriate electromagnetic compatibility protection level against alien crosstalk. the patch cables are supplied in lengths of 1, 2, 3, 5 metres in the following confguration: s/ftp lsoh ? standards applications ieee 802.3-ieee 802.5 ? fddi ? atm ? rnis ? cabling standards en 50173 ? iso/iec 11801 ? tia/eia 568 ? en 50188-10 (draft) ? iec 61156-5 ed 2 (draft) ? environmental standards fire resistance iec 60332-1 ? toxicity/corrosion iec 60754-1 ? 3m? volition? category 6a s/ftp rj45 patch cables technology built for business datasheet features optimisation with 3m volition rj45 k6a jacks ? moulded boot ? available in 1, 2, 3, 5 metre lengths ? s/ftp version ? benefts offer class ea and category 6a channel performances ? better mechanical protection ensures the minimum bend ? radius is not exceeded flexibility to complete systems to your requirements ? best solution for protection against alien crosstalk ?
important notice the details contained in this literature hav e been carefully prepared from information available to 3m at the time of its production. however, it is not intended to be relied upon for purposes of product specifcation and you should contact your sales representative if specifcation details are req uired. because of the wide variety of processes and conditions in which these products may be used, the user should frst carry out tests to determine the suitability of the products for the particular use intended. all questions of warranty and liability relating to 3m products are governed by the selling 3m subsidiary's terms of sale subject where applicable to the prevailing law. 3m and volitions are trademarks of the 3m company.. 3m telecommunications 3m united kingdom plc 3m centre cain road bracknell berkshire rg12 8ht 3m customer contact centre 3m telecommunications 3m united kingdom plc tel: 0870 609 4639 email: 3melectrouk@mmm.com www.3m.co.uk/telecommunications www.3m.co.uk/cat6a 3m and volition are trademarks of the 3m company. please recycle. printed in uk. ? 3m 2010. all rights reserved to make technical alterations. 25.03.2010 specifcation features 3m branded ? class ea and category 6a channel performances ? moulded boot ? 4 pairs of fexible multi-stranded copper conductors ? polyethylene conductor insulation to nfc 32060 ? outer jacket: ls0h* material with fame retardant ? properties to iec 60332-1 synthetic water-repellent tape ? general shielding by copper braid ? pair by pair shielding by aluminium/polyester tape ? volition? cat.6a rj45 to rj45 patch cable, sftp, lsoh, turquoise 1.0m VOL-6ASFL-L1 volition? cat.6a rj45 to rj45 patch cable, sftp, lsoh, turquoise 2.0m vol-6asfl-l2 volition? cat.6a rj45 to rj45 patch cable, sftp, lsoh, turquoise 3.0m vol-6asfl-l3 volition? cat.6a rj45 to rj45 patch cable, sftp, lsoh, turquoise 5.0m vol-6asfl-l5 ordering information * compliant with standard iec 60754-1 other colours and lengths available on demand


▲Up To Search▲   

 
Price & Availability of VOL-6ASFL-L1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X